Part Number Hot Search : 
M471B527 MC14067B 2SA2012 C1002 VT83205Q RH2D1 LPC903F PSD934F2
Product Description
Full Text Search
 

To Download SI4824DY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI4824DY
Vishay Siliconix
Asymmetric N-Channel, Reduced Qg, Fast Switching MOSFET
PRODUCT SUMMARY
VDS (V)
N-Channel 1 30 N-Channel 2
rDS(on) (W)
0.040 @ VGS = 10 V 0.065 @ VGS = 4.5 V 0.0175 @ VGS = 10 V 0.027 @ VGS = 4.5 V
ID (A)
"4.7 "3.7 "9 "7.3
D1
D2
D2 D2
SO-8
S1 G1 S2 G2 1 2 3 4 Top View S1 N-Channel MOSFET 1 S2 N-Channel MOSFET 2 8 7 6 5 D1 D2 D2 D2 G1 G2
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a, b Pulsed Drain Current Continuous Source Current (Diode Conduction)a, b Maximum Power Dissipationa, b Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
N-Channel 1
30 "20 "4.7 "3.7 "40 1.2 1.4 0.9 -55 to 150
N-Channel 2
30 "20 "9 "7.2 "60 2.0 2.25 1.5 -55 to 150
Unit
V
A
W _C
THERMAL RESISTANCE RATINGS
Parameter
N-Ch 1 Maximum Junction-to-Ambienta Mi J i A bi N-Ch 2 Notes a. Surface Mounted on FR4 Board. b. t v10 sec. For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm Document Number: 70800 S-56946--Rev. C, 23-Nov-98 www.vishay.com S FaxBack 408-970-5600 t v10 sec Steady State t v10 sec Steady State RthJA 80 125 55
Symbol
Typical
Maximum
90
Unit
_C/W
2-1
SI4824DY
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage VGS(th) VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V N-Ch 1 N-Ch 2 N-Ch 1 N-Ch 2 N-Ch 1 VDS = 24 V, VGS = 0 V Zero Gate Voltage Drain Current Z G Vl DiC IDSS VDS = 24 V, VGS = 0 V, TJ = 55_C N-Ch 2 N-Ch 1 N-Ch 2 N-Ch 1 N-Ch 2 N-Ch 1 N-Ch 2 N-Ch 1 N-Ch 2 N-Ch 1 N-Ch 2 N-Ch 1 N-Ch 2 20 A 30 0.033 0.014 0.048 0.020 12 S 25 0.7 0.7 1.2 V 1.2 0.040 0.0175 0.065 0.027 W 1.0 V 1.0 "100 "100 1 1 5 5 mA A nA
Symbol
Test Condition
Min
Typ
Max
Unit
Gate-Body Leakage
IGSS
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 4.7 A
DiS OS Ri Drain-Source On-State Resistancea
VGS = 10 V, ID = 9 A rDS(on) VGS = 4.5 V, ID = 3.7 A VGS = 4.5 V, ID = 7.3 A
Forward Transconductancea
gfs
VDS = 15 V, ID = 4.7 A VDS = 15 V, ID = 9 A IS = 1.2 A, VGS = 0 V IS = 2.0 A, VGS = 0 V
Diode Forward Voltagea
VSD
Dynamicb
N-Ch 1 Total Gate Charge Qg N-Channel 1 N Ch l VDS = 15 V VGS = 5 V ID = 4.7 A V, V, 47 N-Channel 2 VDS = 15 V, VGS = 5 V, ID = 9 A N-Ch 2 N-Ch 1 N-Ch 2 N-Ch 1 Gate-Drain Charge Qgd N-Ch 2 N-Ch 1 Turn-On Delay Time td(on) N-Channel 1 N Ch l VDD = 15 V, RL =15 W ID ^ 1 A, VGEN = 10 V, RG = 6 W A V N-Channel 2 VDD = 15 V, RL = 15 W ID ^ 1 A VGEN = 10 V RG = 6 W A, V, N-Ch 2 N-Ch 1 N-Ch 2 N-Ch 1 N-Ch 2 N-Ch 1 Fall Time tf IF = 1.2 A, di/dt = 100 A/ms IF = 2.0 A, di/dt = 100 A/ms N-Ch 2 N-Ch 1 N-Ch 2 6.5 17.5 3.0 nC C 7.5 2.5 6.5 10 15 12 15 20 45 10 20 40 40 20 30 20 30 35 ns 70 20 35 80 80 10 27
Gate-Source Charge
Qgs
Rise Time
tr
Turn-Off Delay Time
td(off)
Source-Drain Reverse Recovery Time Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. For design aid only; not subject to production testing.
trr
www.vishay.com S FaxBack 408-970-5600
2-2
Document Number: 70800 S-56946--Rev. C, 23-Nov-98
SI4824DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
40 VGS = 10 thru 6 V I D - Drain Current (A) I D - Drain Current (A) 30 5V 30 125_C 20 40 TC = -55_C 25_C
N CHANNEL 1
Transfer Characteristics
20 4V 10 2V 0 0 1 2 3 4
10
3V 0 0 1 2 3 4 5 6 7
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
0.10 1200
Capacitance
0.08 r DS(on) - On-Resistance ( W ) VGS = 4.5 V 0.06 C - Capacitance (pF)
1000 Ciss 800
600
0.04
VGS = 10 V
400
Coss Crss
0.02
200
0 0 10 20 ID - Drain Current (A) 30 40
0 0 6 12 18 24 30
VDS - Drain-to-Source Voltage (V)
10 VDS = 15 V ID = 4.7 A
Gate Charge
1.55
On-Resistance vs. Junction Temperature
V GS - Gate-to-Source Voltage (V)
8
r DS(on) - On-Resistance ( W) (Normalized)
1.35
VGS = 10 V ID = 4.7 A
6
1.15
4
0.95
2
0 0 3 6 9 12 Qg - Total Gate Charge (nC)
0.75 -50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Document Number: 70800 S-56946--Rev. C, 23-Nov-98
www.vishay.com S FaxBack 408-970-5600
2-3
SI4824DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
40 0.10
N CHANNEL 1
On-Resistance vs. Gate-to-Source Voltage
I S - Source Current (A)
TJ = 150_C 10 TJ = 25_C
r DS(on) - On-Resistance ( W )
0.08
0.06
ID = 4.7 A
0.04
0.02
1 0 0.4 0.8 1.2 1.6
0 0 2 4 6 8 10
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.45 0.25 24 V GS(th) Variance (V) 0.05 -0.15 -0.35 -0.55 6 -0.75 -0.95 -50 0 -25 0 25 50 75 100 125 150 0.01 0.10 ID = 250 mA Power (W) 18 30
Single Pulse Power
12
1 Time (sec)
10
100
600
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Duty Cycle = 0.5 0.2 0.1 0.1 0.05 0.02 Single Pulse
Notes: PDM t1 t2 1. Duty Cycle, D = t1 t2 2. Per Unit Base = RthJA = 125_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
Normalized Effective Transient Thermal Impedance
0.01
0.001 10-4 10-3 10-2 10-1 1 10 100 600 Square Wave Pulse Duration (sec)
www.vishay.com S FaxBack 408-970-5600
2-4
Document Number: 70800 S-56946--Rev. C, 23-Nov-98
SI4824DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
60 60
N CHANNEL 2
Transfer Characteristics
50
VGS = 10 thru 5 V I D - Drain Current (A)
50
I D - Drain Current (A)
40
40
30
4V
30
20
20 TC = 125_C 10 25_C -55_C 0
10
2V 3V
0 0 1 2 3 4
0
1
2
3
4
5
6
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
0.040 3000
Capacitance
0.035 r DS(on) - On-Resistance ( W ) C - Capacitance (pF) 2300 Ciss
0.030
0.025
VGS = 4.5 V VGS = 10 V
1600
0.020
900 Crss 200
Coss
0.015
0.01 0 10 20 30 40 50 60
0
6
12
18
24
30
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
10 VDS = 15 V ID = 9 A V GS - Gate-to-Source Voltage (V) 8
Gate Charge
1.55 1.45 1.35 1.25 1.15 1.05 0.95 0.85 0.75 -50
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 9 A
6
4
2
0 0 4 8 12 16 20 24 28 32 Qg - Total Gate Charge (nC)
r DS(on) - On-Resistance ( W) (Normalized)
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Document Number: 70800 S-56946--Rev. C, 23-Nov-98
www.vishay.com S FaxBack 408-970-5600
2-5
SI4824DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
60 TJ = 150_C r DS(on) - On-Resistance ( W ) I S - Source Current (A) 0.03 ID = 4.7 A 0.02 0.04
N CHANNEL 2
On-Resistance vs. Gate-to-Source Voltage
TJ = 25_C 10
0.01
1 0 0.4 0.8 1.2 1.6
0 0 2 4 6 8 10
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.50 50
Single Pulse Power
0.25 ID = 250 mA Power (W)
40
V GS(th) Variance (V)
0.00
30
-0.25
20
-0.50 10
-0.75
-1 -50
0 -25 0 25 50 75 100 125 150 0.01 0.10 1 Time (sec) 10 100 600
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Duty Cycle = 0.5 0.2 0.1 0.1 0.05 0.02 0.01 Single Pulse
Notes: PDM t1 t2 1. Duty Cycle, D = t1 t2 2. Per Unit Base = RthJA = 80_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
Normalized Effective Transient Thermal Impedance
0.001 10-4
10-3
10-2
10-1
1
10
100
600
Square Wave Pulse Duration (sec)
www.vishay.com S FaxBack 408-970-5600
2-6
Document Number: 70800 S-56946--Rev. C, 23-Nov-98


▲Up To Search▲   

 
Price & Availability of SI4824DY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X